Part Number Hot Search : 
BFS466L6 75R12K 2SC1413A HT7L4813 BH6513 X80204 MIC4128 APTD3216
Product Description
Full Text Search
 

To Download PIN-1310-10LR-LC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? finisar corporation october 2015 rev . c1 page 1 product specification 10 gbps 1310nm pin + preamp lc rosa package pin - 1310- 10lr - lc product features ? lc rosa pin- 1310- 10lr - lc includes flex circuit ? high performance ingaas pin photodiode with separate transimpedance amplifier ? low electrical parasitic to46 package ? data rates up to 11.3gbps ? separate pd supply for power monitoring ? low bias currents and voltages ? low power dissipation ? ieee 10g - base - lr applications the pin - 1310- 10lr - lc uses a high - performance ingaas pin photo - detector packaged with a transimpedance amplifier designed to meet performance requirements for data rates up to 11.3gbps data communication over singlemode and multi - mode optical fiber at 1310n m. applications include ethernet, fiber channel and atm protocols. the optical assembly is designed to interface to single mode optical fiber. the pin - 1310- 10lr - lc is designed to be paired with finisar fp and dfb tosa products (see data sheets for fp - 13 10 and dfb - 1310 and products). the pin is rohs compliant per directive 2011/65/eu 1 . product selection part number description n - 1310- 10lr - lc pin lc rosa, with separate pd bias, with flex circuit
p in - 1310- 10lr - lc product specification ? finisar corporation october 2015 rev . c1 page 2 i. absolute maximum ratings parameter rating storage temperature - 40 to +85 c case operating temperature - 10 to +85 c lead solder temperature 260 c, 10 sec. power supply voltage - 0.5v to 4v incident optical power +3 dbm average, +5 dbm peak storage temperature - 40 to +85 c notice stresses greater than those listed under absolute maximum ratings may cause permanent damage to the device. this is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operations section for extended periods of time may affect reliability. notice e ieet ei o ti cooet ce it to e eitie to eectottic ice o eet ice e o etio to eiet te o ectio e i ti oct
p in - 1310- 10lr - lc product specification ? finisar corporation october 2015 rev . c1 page 3 i i. electro - optical characteristics ( 3.0v p in - 1310- 10lr - lc product specification ? finisar corporation october 2015 rev . c1 page 4 ii i. environmen tal specifications parameter symbol min typ max units ref. case operating temperature t op - 1 0 85 c storage temperature t sto - 40 85 c iv . mechanical specifications (dimensions are in mm) pin description 1 vcc 2 case 3 outp 4 outn 5 case 6 v pd pin - 1310 - 10lr - xx case vcc vpd out n out p case pin 1 pin 6 case 50 ?
p in - 1310- 10lr - lc product specification ? finisar corporation october 2015 rev . c1 page 5 interface example optional 100 differential termination for high impedance limiting amplifiers is shown in red. recommended b ias network note, better performance will be obtained if a ferrite bead is used in place of the inductor. v cc v cc outn outp case 50? 50? limiting amp v pd 100? 100nf note: 100 ? resistor only needed with high impedance limiting amplifiers 100? 20x rssi ~ 1v/ mw v pd v cc v cc outn outp case 50? 50? limiting amp v pd 100? 100nf note: 100 ? resistor only needed with high impedance limiting amplifiers 100? 20x rssi ~ 1v/ mw v pd 22uh 100uf 100nf in out 22uh 100uf 100nf in out
p in - 1310- 10lr - lc product specification ? finisar corporation october 2015 rev . c1 page 6 mounting dimensions (in mm)
p in - 1310- 10lr - lc product specification ? finisar corporation october 2015 rev . c1 page 7 v. references 1. directive 2011/65/eu of the european parliament and of the council, ?on the restriction of the use of certain hazardous substances in electrical and electronic equipment?. certain products may use one or more exemption as allowed by the directive. v i . revision history revision date description b00 10/14/2014 converted to finisar standard format . c1 10/20/2015 updated logo and rohs statement. v i i . for more information finisar corporation 1389 moffett park drive sunnyvale, ca 94089 - 1133 tel. 1 - 408- 548- 1000 fax 1 - 408- 541- 6138 sales@finisar.com www.finisar.com


▲Up To Search▲   

 
Price & Availability of PIN-1310-10LR-LC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X